Part Number Hot Search : 
GA3225 SV153 ADS15K KAS21A 50010 9M000 MBR3045 USR60A
Product Description
Full Text Search
 

To Download SGB-6433Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Description
Sirenza Microdevices' SGB-6433 is a high performance SiGe HBT MMIC amplifier utilizing a Darlington configuration with an active bias network. The active bias network provides stable current over temperature and process Beta variations. Designed to run directly from a 5V supply the SGB-6433 does not require a drop resistor as compared to typical Darlington amplifiers. This robust amplifier features a Class 1C ESD rating, low thermal resistance , and unconditional stability. The SGB-6433 product is designed for high linearity 5V gain block applications that require small size and minimal external components. It is on chip matched to 50 ohm and an external bias inductor choke is required for the application band. This product is available in a RoHS Compliant and Green package with matte tin finish, designated by the "Z" package suffix.
SGB-6433 SGB-6433Z
Pb
RoHS Compliant & Green Package
DC-3.5 GHz Active Bias Gain Block
Product Features
Functional Block Diagram
Vbias VCC NC NC Active Bias
* * * * * * * * * *
Available in Lead Free, RoHS compliant, & Green Packaging High reliability SiGe HBT Technology Robust Class 1C ESD Simple and small size P1dB = 18.5 dBm @ 1950MHz IP3 = 31 dBm @ 1950MHz Low Thermal Resistance = 60 C/W
NC NC
NC NC RFOUT
RFIN NC
NC
Applications
5V applications LO buffer amp RF pre-driver and RF receive path
Key Specifications
Symbol fO S21 Parameters: Test Conditions Z0 = 50, VCC = 5.0V, Ic =88mA, T = 30C) Frequency of Operation Small Signal Gain - 850MHz Small Signal Gain - 1950MHz Small Signal Gain - 2400MHz Output Power at 1dB Compression - 850MHz P1dB Output Power at 1dB Compression - 1950MHz Output Power at 1dB Compression - 2400MHz Output IP3 - 850MHz OIP3 Output IP3 - 1950MHz Output IP3 - 2400MHz IRL ORL Ic NF Rth, j-l Input Return Loss @1950MHz Output Return Loss @1950MHz Current Noise Figure @1950MHz Thermal Resistance (junction - lead) dB dB mA dB C/W 12.0 8.5 76 dB 28.5 dBm 16.5 dB 14.5 Unit MHz Min. DC 20.0 16.0 15.0 18.5 18.5 17.5 33.0 31.0 31.0 15 11.5 88 4.1 60 98 5.1 17.5 Typ. Max. 3500
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions. Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user's own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2006 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court, Broomfield, CO 80021
GND
NC
NC
NC
Phone: (800) SMI-MMIC 1
http://www.sirenza.com EDS-103095 Rev G
SGB-6433 DC-3.5GHz Active Bias Gain Block
Detailed Performance Table: Vcc=5V, Ic=88mA, T=25C, Z=50ohms
Symbol G OIP3 P1dB IRL ORL S12 NF Parameter Small Signal Gain Output 3rd Order Intercept Point Output Power at 1dB Compression Input Return Loss Output Return Loss Reverse Isolation Noise Figure Units dB dBm dBm dB dB dB dB 43.6 15.8 24.4 5.1 100MHz 21.2 500MHz 20.7 34.0 18.9 33.3 13.9 24.6 3.6 850MHz 20.0 33.0 18.5 25.6 12.2 25.0 3.6 1950MHz 16.0 31.0 18.5 15.0 11.5 24.4 4.1 2400MHz 15.0 31.0 17.5 13.8 10.2 23.8 4.6 9.7 11.3 22.5 5.2 3500MHz 12.3
Pin Out Description
Pin # 1,2,4, 6, 7,8,11, 12,14 3 5 10 13 16 Backside Function NC RFIN GND RFOUT VBIAS VCC GND Description These are no connect pins. Leave them unconnected on the PC board. RF input pin. A DC voltage should not be connected externally to this pin An extra ground pin that is connected to the backside exposed paddle. Connection is optional. RF Output pin. Bias is applied to the Darlington stage thru this pin. This pin sources the current from the active bias circuit. Connect to pin 10 thru an inductor choke. This is Vcc for the active bias circuit. The backside exposed paddle is the main electrical GND and requires multiple vias in the PC board to GND. It is also the main thermal path.
Simplified Device Schematic
16 15 14 13
Caution: ESD Sensitive
Appropriate precaution in handling, packaging and testing devices must be observed.
Absolute Maximum Ratings
Parameters Value 150 6.5 0.75 -40 to +85 20 -40 to +150 +150 Unit mA V W C dBm C C
1 2
Active Bias
Current (Ic total)
12 11 10
Device Voltage (VD) Power Dissipation Operating Lead Temperature (TL) RF Input Power Storage Temperature Range Operating Junction Temperature (TJ)
3 4
9
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation the device voltage and current must not exceed the maximum operating values specified in the table on page one. Bias conditions should also satisfy the following expression: IDVD < (TJ - TL) / RTH' j-l
5
6
7
8
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 2
http://www.sirenza.com EDS-103095 Rev G
SGB-6433 DC-3.5GHz Active Bias Gain Block
Evaluation Board Data (Vcc=VBIAS = 5.0V, Ic = 88mA) Bias Tee substituted for DC feed inductor (L1)
OIP3 vs. Frequency
36.0 34.0 32.0
Gain vs Frequency
24.0
22.0
OIP3 (dBm)
+25c +85c
20.0
Gain (dB)
30.0 28.0 26.0 24.0 22.0 +25c +85c -40c
18.0
16.0
14.0
-40c
12.0 0.4 0.9 1.4 1.9 2.4
0.4
0.9
1.4
1.9
2.4
Frequency (GHz)
Frequency (GHz)
P1dB vs. Frequency
20.0
7.0 6.0
Noise Figure vs. Frequency
19.0
P1dB (dBm)
18.0
Noise Figure (dB)
5.0 4.0 3.0 +25c 2.0 1.0 0.0 +85c -40c
17.0
16.0 +25c 15.0 +85c -40c 14.0 0.4 0.9 1.4 1.9 2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Frequency (GHz)
Frequency (GHz)
Ic vs. Tem perature
0.140
0.120
Current vs. Voltage
0.120 0.100
0.100
Ic (mA)
0.060
Ic (A)
+ 85c + 25c -40c
0.080
0.080 0.060 0.040 0.020 0.000 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 6.2
0.040
0.020
0.000
Tem perature
Vc (Volts)
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 3
http://www.sirenza.com EDS-103095 Rev G
SGB-6433 DC-3.5GHz Active Bias Gain Block
Evaluation Board Data (Vcc=VBIAS = 5.0V, Ic = 88mA) Bias Tee substituted for DC feed inductor (L1)
l S11 l vs. Frequency
0.0 -5.0 -10.0 -15.0
25.0 30.0
l S21 l vs. Frequency
+25c 20.0 +85c -40c 15.0
S11 (dB)
-25.0 -30.0 -35.0 -40.0 -45.0 -50.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0 +25c +85c -40c
S 21 (dB)
-20.0
10.0
5.0
0.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0
Frequency (GHz)
Frequency (GHz)
l S12 l vs. Frequency
-18.0
0.0
l S22 l vs. Frequency
-20.0
-5.0
-10.0
S12 (dB)
S22 (dB)
+25c +85c
-22.0
-15.0
-24.0
-20.0 +25c -25.0 +85c -40c
-26.0
-40c
-28.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0
-30.0 0.0 1.0 2.0 3.0 4.0 5.0 6.0
Frequency (GHz)
Frequency (GHz)
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 4
http://www.sirenza.com EDS-103095 Rev G
SGB-6433 DC-3.5GHz Active Bias Gain Block
Typical Evaluation Board Schematic for 5.0V
Vcc
C4
C3
16 VCC NC NC Vbias
L1
NC NC RFOUT NC
1
NC NC
RFIN
RFIN
RFOUT C2
C1
NC Optional GND NC NC NC
Evaluation Board - Board material GETEK, 31mil thick, Dk=4.2, 1 oz. copper
C4
Component Values By Band
Designator 500MHz 1000pF 1uF 220pF 68 nH 850MHz 1000pF 1uF 68pF 33nH 1950MHz 2400MHz 1000pF 1uF 43pF 22nH 1000pF 1uF 22pF 18nH
C3
1
C3
L1 C2
C4* C1, C2 L1
C1
* C4 is optional depending on application and filtering. Not required for SGB device operation. Note: The amplifier can be run from a 8V supply by simply inserting a 33 ohm resistor in series with Vcc.
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 5
http://www.sirenza.com EDS-103095 Rev G
SGB-6433 DC-3.5GHz Active Bias Gain Block
Part Marking
The part will be symbolized with an "SGB-6433" for Sn/Pb plating or "SGB-64Z" for RoHS green compliant product. Marking designator will be on the top surface of the package.
Part Number Ordering Information
Part Number SGB-6433 SGB-6433Z Reel Size 13" 13" Devices/Reel 3000 3000
Package Outline Drawing (Dimensions in mm)
Recommended Land Pattern (dimensions in mm[in].):
Recommended PCB Soldermask (SMOBC) for Land Pattern(dimensions in mm[in]):
0.50 [0.020]
1.58 [0.062] 0.50 [0.020] 0.26 [0.010] 0.38 [0.015] 0.29 [0.011] 1.58 [0.062] 0.21 [0.008]
0.25 [0.010] 0.53 [0.021]
3.17 [0.125]
1.20 [0.047]
0.75 [0.030] 0.005 CHAMFER (8PL)
O0.38 [O0.015] Plated Thru (4PL)
0.46 [0.018] 1.20 [0.047]
303 South Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC 6
http://www.sirenza.com EDS-103095 Rev G


▲Up To Search▲   

 
Price & Availability of SGB-6433Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X